PART |
Description |
Maker |
LT3845A LT3844 LTC3891 LT3741 LT37241 LTC3835-1 LT |
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown High Voltage, Current Mode Switching Regulator Controller; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.3 A SWITCHING CONTROLLER, 220 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage, Current Mode Switching Regulator Controller
|
Linear Technology, Corp.
|
2SK1365 E001341 K1365 |
FET, Silicon N Channel MOS Type(for High Speed, High Current Switching, Switching Power Supply) HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS SWITCHING POWER SUPPLY APPLICATIONS From old datasheet system FET/ Silicon N Channel MOS Type(for High Speed/ High Current Switching/ Switching Power Supply)
|
Toshiba Corporation Toshiba Semiconductor
|
2SA1451A EE08302 2SA1451 |
HIGH VOLTAGE SWITCHING APPLICATIONS TRANSISTOR (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS) From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
2SD1412A EE08319 |
NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS) From old datasheet system HIGH CURRENT SWITCHING APPLICATIONS POWER AMPLIFIER APPLICATIONS
|
Toshiba Semiconductor
|
2SC3303 E000823 |
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCING APPLICATIONS) HIGH CURRENT SWITCHING APPLICATIONS From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
UC3842ADR2 UC3842A05 UC3843AD2R2 UC3843AD2R2G UC38 |
1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8 High Performance Current Mode Controllers
|
ONSEMI[ON Semiconductor]
|
UC3844-D08-T UC3844-S08-T UC3845 UC3844 UC3845L-S0 |
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, DIP8 HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO8
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies] UNISONIC TECHNOLOGIES CO LTD
|
2SJ360 |
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) P CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING/ CHOPPER REGULATOR/ DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) P通道马鞍山型(高速,大电流开关,斩波调压器,DC - DC变换器和电机驱动应用
|
TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|
2SD1049 |
TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT HIGH SPEED SWITCHING
|
Fuji Electric
|